PART |
Description |
Maker |
EL3010 EL3011 EL3021 EL3022 EL3023 EL3051 EL3052 E |
5 PIN DIP RANDOM-PHASE TRIAC DRIVER 6 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
|
Everlight Electronics Co., Ltd
|
EL3010 EL3022 EL3021 EL3052 EL3011 EL3012 EL301X E |
(EL301x - EL305x) 6 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
|
Everlight Electronics
|
MOC3022 |
(MOC3021 - MOC3023) 6-Pin DIP Random-phase Optoisolators Triac Driver Output
|
Fairchild Semiconductor
|
MOC3051M |
6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVERS (600 VOLT PEAK) 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER
|
Fairchild Semiconductor, Corp.
|
DF11-10DEP-2C DF11-8DS-2V DF11-10DEP-2A DF11-10DEP |
2mm Double-Row Connector (Product Compliant to UL/CSA Standard) INDUCTOR, 3.3UH 2.64A CAB 27C 27#12 PIN RECP OPTOISO 400VDRM TRIAC OUT SMD OPTOISO 400VDRM TRIAC OUT 6-DIP 2mm Double-Row Connector (Product Compliant to UL/CSA Standard) 2mm的双排连接器(产品符合UL / CSA标准
|
HIROSE[Hirose Electric] http:// Hirose Electric USA, INC. HIROSE ELECTRIC Co., Ltd.
|
MOC3041M MOC3031M MOC3032M MOC3033M MOC3043M MOC30 |
6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK) 6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
|
FAIRCHILD[Fairchild Semiconductor]
|
FOD4208SDV |
Random Phase Snubberless Triac Driver; Package: DIP; No of Pins: 6; Container: Bulk 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
IDT79R3081-20J IDT79R3081-33 IDT79R3081-25 IDT79RV |
RISController with FPA 32-BIT, 20 MHz, RISC PROCESSOR, PQFP100 5-Pin MFP High Speed Transistor Output Optocoupler; Package: Full Pitch MFP; No of Pins: 5; Container: Tape & Reel RISController与FPA 5-Pin MFP High Speed Transistor Output Optocoupler; Package: Full Pitch MFP; No of Pins: 5; Container: Tape & Reel 32-BIT, 40 MHz, RISC PROCESSOR, PQCC84 RISController with FPA 32-BIT, 33.33 MHz, RISC PROCESSOR, PQFP100 5-Pin MFP High Speed Transistor Output Optocoupler RISController与FPA RISController with FPA 32-BIT, 33.33 MHz, RISC PROCESSOR, CQFP84 RISController with FPA 32-BIT, 25 MHz, RISC PROCESSOR, PQFP100 RISController with FPA 32-BIT, 25 MHz, RISC PROCESSOR, CQFP84 RISController with FPA 32-BIT, 33.33 MHz, RISC PROCESSOR, PQCC84 RISController with FPA 32-BIT, 40 MHz, RISC PROCESSOR, PQCC84 RISController with FPA RISController与FPA 4-pin Full Pitch MFP 250V Random Phase Triac Driver Output Optocoupler Voltage Tracker Linear Voltage Regulators for Automotive Applications; Package: PG-SOT223-4; Regulator Type: single output; Output Voltage: 5V; Accuracy: 2.0 %; Max. Output Current: 100mA; Dropout Voltage: 250mV 600V Random Phase Triac Driver 5mA; ; No of Pins: 4; Container: Tape & Reel 600V Random Phase Triac Driver 5mA; Package: Full Pitch MPF; No of Pins: 4; Container: Box 4-pin Full Pitch MFP 600V Random Phase Triac Driver Output Optocoupler; ; No of Pins: 4; Container: Box
|
Integrated Device Techn... Integrated Device Technology, Inc.
|
PS7122AL-2B-E3 PS7122AL-1B-E4 PS7122AL-1B-E3 PS712 |
3 Phase Driver, Separate High and Low Side Inputs, Overcurrent Comparator, Latching Fault Logic, Fault Clear Input, Synchronized Shutdown Input, 200ns Deadtime in a 28-pin DIP package; A IR2233 packaged in a 28-Lead PDIP FET-OUTPUT OPTOCOUPLER High and Low Side Driver, SoftTurn-On, Noninverting Inputs, All High Voltage Pins on One Side, Separate Logic and Power Ground in a 14-pin DIP package; A IR21064 packaged in a 14-Lead SOIC High and Low Side Driver, SoftTurn-On, Noninverting Inputs, All High Voltage Pins on One Side, Separate Logic and Power Ground in a 14-pin DIP package; A IR21064 packaged in a 14-Lead PDIP Half Bridge Driver, Single Input Plus Inverting Shutdown Pin, Fixed 520ns Deadtime in a 8-pin DIP package; A IR2104 packaged in a Lead-Free 8-Lead SOIC Optical Coupled MOS FET photocoupler(MOS 场效应管输出光光隔离器) 场效应管输出光耦合 3 Phase Driver, Separate High and Low Side Inputs, Overcurrent Comparator, Latching Fault Logic, Fault Clear Input, Synchronized Shutdown Input, 200ns Deadtime in a 28-pin DIP package; A IR2235 packaged in a 28-Lead PDIP Dual Low Side Driver, Inverting Input in a 8-pin DIP package; A IR4426 packaged in a 8-Lead PDIP
|
NEC Corp. Atmel, Corp. NEC, Corp.
|
1W005 1W10 1W06 1W08 1W01 1W02 1W04 1W010 |
Single phase 1.0 A silicon bridge rectifier. Max recurrent peak reverse voltage 1000 V. SINGLE PHASE 1.0 AMP SILICON BRIDGE RECTIFIERS SINGLEPHASE1.0AMPSILICONBRIDGERECTIFIERS 16-PIN,DIP,0.3''''WIDE,STAMPED,TIN
|
JGD[Jinan Gude Electronic Device] JinanGudeElectronicDevice 济南固锝电子器件有限公司
|
1504 1504SERIES 1504-600F 1504-80B 1504-80C 1504-7 |
FIXED DIP DELAY LINE TD/TR = 5 Delay 20 /-1.0 ns, Fixed dip delay line Td/Tr=5 Delay 60 /-3 ns, Fixed dip delay line Td/Tr=5 Delay 800 /-40 ns, Fixed dip delay line Td/Tr=5 Delay 40 /-2 ns, Fixed dip delay line Td/Tr=5 Delay 400 /-20 ns, Fixed dip delay line Td/Tr=5 Delay 750 /-37.5 ns, Fixed dip delay line Td/Tr=5 Delay 225 /-12 ns, Fixed dip delay line Td/Tr=5 Delay 140 /-7 ns, Fixed dip delay line Td/Tr=5 Delay 100 /-5 ns, Fixed dip delay line Td/Tr=5 Delay 220 /-11 ns, Fixed dip delay line Td/Tr=5 Delay 380 /-19 ns, Fixed dip delay line Td/Tr=5 Delay 480 /-24 ns, Fixed dip delay line Td/Tr=5 Delay 120 /-6 ns, Fixed dip delay line Td/Tr=5 Delay 150 /-7.5 ns, Fixed dip delay line Td/Tr=5 Delay 450 /-22.5 ns, Fixed dip delay line Td/Tr=5 Delay 75 /-3.8 ns, Fixed dip delay line Td/Tr=5 Delay 360 /-18 ns, Fixed dip delay line Td/Tr=5 Delay 25 /-1.3 ns, Fixed dip delay line Td/Tr=5 Delay 250 /-12.5 ns, Fixed dip delay line Td/Tr=5 Fixed passive DIP delay line PASSIVE DELAY LINE, TRUE OUTPUT, DIP16 Delay 160 /-8 ns, Fixed dip delay line Td/Tr=5 Delay 375 /-18.8 ns, Fixed dip delay line Td/Tr=5 Delay 50 /-2.5 ns, Fixed dip delay line Td/Tr=5 Delay 320 /-16 ns, Fixed dip delay line Td/Tr=5 Delay 90 /-4.5 ns, Fixed dip delay line Td/Tr=5 Delay 45 /-2.3 ns, Fixed dip delay line Td/Tr=5 Delay 1000 /-50 ns, Fixed dip delay line Td/Tr=5 Delay 10 /-1 ns, Fixed dip delay line Td/Tr=5 Delay 125 /-6.3 ns, Fixed dip delay line Td/Tr=5 Delay 30 /-1.5 ns, Fixed dip delay line Td/Tr=5 Delay 180 /-9 ns, Fixed dip delay line Td/Tr=5 Delay 500 /-25 ns, Fixed dip delay line Td/Tr=5 Delay 300 /-15 ns, Fixed dip delay line Td/Tr=5 Delay 200 /-10 ns, Fixed dip delay line Td/Tr=5 Delay 240 /-12 ns, Fixed dip delay line Td/Tr=5 Delay 80 /-4 ns, Fixed dip delay line Td/Tr=5 Delay 600 /-30 ns, Fixed dip delay line Td/Tr=5
|
Data Delay Devices, Inc... DATA DELAY DEVICES INC
|
|